Part Number Hot Search : 
MOC21 7S11BMT 2SD188 HD74LV08 F1A1G 2SK24607 AUY14A2 NCE0157D
Product Description
Full Text Search
 

To Download MURF1660CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  murf1605ct thru MURF1660CT super fast recovery silicon rectifier reverse voltage - 50 to 600 volts forward current - 16.0 ampere the plastic package carries underwriters laboratory flammability classification 94v-0 super fast switching for high ef ficiency low reverse leakage high forward surge current capability high temperature soldering guaranteed: 250 c/10 seconds,0.25 ? (6.35mm) from case fea tures mechanical data maximum ra tings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. case: jedec i t o -220ab molded plast ic body t erminals: plated leads, solderable per mil-std-750, method 2026 high t emperat ure soldering guarant eed: 250 o c / 10 seconds, 0 . 25" (6. 35mm) f rom case polarity: as marked mounting position: any mounting t orque: 10 in-lbs maximum w eight: 0.08 ounce, 2.24 grams d i m e n s i o n s i n i n c h e s and ( m illi m e t e r s) ito-220ab . 3 8 6 ( 9 . 8 ) . 4 0 6 ( 1 0 . 3 ) . 1 1 8 ( 3 . 0 ) . 1 0 2 ( 2 . 6 ) . 1 8 9 ( 4 . 8 ) . 1 7 3 ( 4 . 4 ) . 1 1 4 ( 2 . 9 ) . 0 9 8 ( 2 . 5 ) . 0 5 9 ( 1 . 5 ) . 0 4 3 ( 1 . 1 ) . 0 5 5 ( 1 . 4 ) . 0 7 1 ( 1 . 8 ) . 5 3 1 ( 1 3 . 5 ) . 5 7 1 ( 1 4 . 5 ) . 0 8 8 ( 2 . 2 4 ) . 1 1 2 ( 2 . 84) . 1 3 8 ( 3 . 5 ) . 1 2 2 ( 3 . 1 ) . 6 1 0 ( 1 5 . 5 ) . 5 7 1 ( 1 4 . 5 ) . 1 1 8 ( 3 . 0 ) . 1 0 6 ( 2 . 7 ) . 0 2 0 ( 0 . 51) . 0 3 0 ( 0 . 7 6 ) . 0 3 0 ( 0 . 7 6 ) . 0 2 0 ( 0 . 5 1 ) . 1 5 7 ( 4 . 0 ) . 1 4 2 ( 3 . 6 ) p i n 1 - + p i n 3 - p i n 2 c h aract eri s t i c s y m bol murf 160 5 c t u n i t p eak repet i t i v e revers e v o l t age w o rki ng p e a k revers e v o l t age dc b l ock i ng v o l t age v rrm v r w m v r 5 0 100 150 200 300 400 600 v r m s revers e v o l t age v r ( r m s ) 3 5 7 0 105 140 210 280 420 v a v erage rec t i f i ed o u t put current @ t c = 105 c i o 1 6 a non-repet i t i v e p eak forw ard s urge current 8 . 3 m s s i ngl e hal f s i ne-w a v e s uperi m pos ed o n rat ed l oad (je d e c m e t hod) i f s m 125 forward v o l t age @ i f = 8 . 0 a v f m 0 . 9 5 1 . 3 1 . 7 v p eak rev ers e current @ t a = 25 c a t rat e d dc b l ock i ng v o l t age @ t a = 125 c i r m 1 0 500 a revers e rec o very t i m e (not e 1 ) t r r 3 5 5 0 n s t y p i c a l j u n c t i on capa c i t a n c e (no t e 2 ) c j 8 0 6 0 p f operat i ng and s t orage t e m perat ure range t j , t s t g -65 to +150 c not e : 1 . m eas ured w i t h i f = 0 . 5 a , i r = 1 . 0 a , i r r = 0 . 25a . 2 . m eas u r ed a t 1 . 0 m h z and applied r e v e r s e v o l t age o f 4 . 0 v d . c . murf 1610c t murf 1615c t murf 162 0 c t murf 163 0 c t murf 164 0 c t murf 166 0 c t a free datasheet http:///
murf1605ct thru MURF1660CT ra tings and characteristic cur ves 50v dc approx 5 0 n i (non-inductive) ? 10 ni ? 1.0 ni ? oscilloscope (note 1) pulse generator (note 2) device under t est t rr se t tim e bas e fo r 5/10ns/cm +0.5a 0a -0.25a -1.0a notes: 1. rise t ime=7.0ns max. input impedance=1.0m , 22pf . 2. rise t ime=10ns max. input impedance=50 . ? ? fig. 5 reverse recovery t ime characteristic and t est circuit (+) (+) (-) (-) 0 225 1 10 100 ) a ( t n e r r u c e g r u s d r a w r o f k a e p , i m s f number of cycles a t 60hz fig. 3 maximum non-repetitive surge current 8.3 ms single half-sine-wave jedec method 75 15 0 10 100 400 0.1 1.0 10 100 ) f p ( e c n a t i c a p a c , c j v , reverse vol t age (v) fig. 4 t ypical junction capacitance r t = 25 c f=1.0mhz j murf1640ct- MURF1660CT 0 4 8 0 50 100 150 ) a ( t n e r r u c d r a w r o f e g a r e v a , i ) v a ( t , case tempera ture ( c) fig. 1 forward current derating curve c 12 16 20 0.1 1.0 10 100 0 0.6 1.2 1.8 ) a ( t n e r r u c d r a w r o f s u o e n a t n a t s n i , i f v , inst ant aneous for w ard voltage (v) fig. 2 t ypical forward characteristics f pulse width=300 s 2% duty cycle 1605 - 1620 1630 - 1640 1660 murf1605ct - murf1620ct free datasheet http:///


▲Up To Search▲   

 
Price & Availability of MURF1660CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X